データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3216 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN3216
部品情報  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 17Page - STMicroelectronics AN3216 Datasheet HTML 18Page - STMicroelectronics AN3216 Datasheet HTML 19Page - STMicroelectronics AN3216 Datasheet HTML 20Page - STMicroelectronics AN3216 Datasheet HTML 21Page - STMicroelectronics AN3216 Datasheet HTML 22Page - STMicroelectronics AN3216 Datasheet HTML 23Page - STMicroelectronics AN3216 Datasheet HTML 24Page - STMicroelectronics AN3216 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DocID17496 Rev 7
21/33
AN3216
Boot configuration
32
4.3
Embedded boot loader mode
The embedded boot loader is used to reprogram the Flash memory through one of the
following interfaces: USART1 , USART2 or USB for medium+ and high density devices.
This program is located in the system memory and is programmed by ST during production
(see the STM32L Flash programming manual for further details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33