データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3232 データシート(PDF) 17 Page - STMicroelectronics

部品番号 AN3232
部品情報  Mounting recommendations
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3232 データシート(HTML) 17 Page - STMicroelectronics

Back Button AN3232 Datasheet HTML 13Page - STMicroelectronics AN3232 Datasheet HTML 14Page - STMicroelectronics AN3232 Datasheet HTML 15Page - STMicroelectronics AN3232 Datasheet HTML 16Page - STMicroelectronics AN3232 Datasheet HTML 17Page - STMicroelectronics AN3232 Datasheet HTML 18Page - STMicroelectronics AN3232 Datasheet HTML 19Page - STMicroelectronics AN3232 Datasheet HTML 20Page - STMicroelectronics AN3232 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
AN3232
Package attachment to core by means of boltdown method
Doc ID 17594 Rev 3
17/26
Figure 7.
Ideal screw-center spacing
The boltdown procedure begins with the application of the TIM to the back of the package,
followed by the insertion of the package into the application board. In the partially exploded
view shown in Figure 7, the washers are positioned between the screw head and the bolting
surfaces of the package. It is best to start the screws in both tapped holes as demonstrated
in Figure 8, continuing in an alternating fashion until finger tightness is achieved. This
method insures the package is properly seated and aligned before the final tightening
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26