データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3236 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN3236
部品情報  Guidelines to increase the number of touch sensing touchkeys
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3236 データシート(HTML) 5 Page - STMicroelectronics

  AN3236 Datasheet HTML 1Page - STMicroelectronics AN3236 Datasheet HTML 2Page - STMicroelectronics AN3236 Datasheet HTML 3Page - STMicroelectronics AN3236 Datasheet HTML 4Page - STMicroelectronics AN3236 Datasheet HTML 5Page - STMicroelectronics AN3236 Datasheet HTML 6Page - STMicroelectronics AN3236 Datasheet HTML 7Page - STMicroelectronics AN3236 Datasheet HTML 8Page - STMicroelectronics AN3236 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID17613 Rev 3
5/15
AN3236
Adding an extra touchkey
14
1
Adding an extra touchkey
This section explains how to add an extra touchkey to a pair of single electrodes for an
application.
1.1
Basic hardware implementation
As shown in Figure 1: Basic hardware implementation example, a standard touchkey is
made of a single ended electrode. Two single electrodes can generate a third touchkey by
interlacing teeth coming from each electrode.
Figure 1. Basic hardware implementation example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15