データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3240 データシート(PDF) 25 Page - STMicroelectronics

部品番号 AN3240
部品情報  Ultrasound HV pulser demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3240 データシート(HTML) 25 Page - STMicroelectronics

Back Button AN3240 Datasheet HTML 21Page - STMicroelectronics AN3240 Datasheet HTML 22Page - STMicroelectronics AN3240 Datasheet HTML 23Page - STMicroelectronics AN3240 Datasheet HTML 24Page - STMicroelectronics AN3240 Datasheet HTML 25Page - STMicroelectronics AN3240 Datasheet HTML 26Page - STMicroelectronics AN3240 Datasheet HTML 27Page - STMicroelectronics AN3240 Datasheet HTML 28Page - STMicroelectronics AN3240 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AN3240
Demonstration kit composition
Doc ID 17689 Rev 1
25/32
Figure 20.
Main menu selection on the STM3210E-EVAL display
–
Assuming that the user has descended into the “Continuous Mode” menu, it is
possible to manage the PW mode. In fact, by moving the Joystick key “Generate
Signals” can be selected (see Figure 21). The Joystick key must now be pressed
to run the PW mode function. If the user wants to change the choice, it is enough
to select and press “Return” to go to the main menu and choose another function,
such as CW or PC.
Figure 21.
Example of “Continuous Mode” selection on the STM3210E-EVAL display
–
After having run the mode, the user can stop the “Continuous Mode” and return to
the previous menu just by pressing the Joystick key on the board (see Figure 22).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32