データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3258 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN3258
部品情報  Local interconnect network
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3258 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN3258 Datasheet HTML 8Page - STMicroelectronics AN3258 Datasheet HTML 9Page - STMicroelectronics AN3258 Datasheet HTML 10Page - STMicroelectronics AN3258 Datasheet HTML 11Page - STMicroelectronics AN3258 Datasheet HTML 12Page - STMicroelectronics AN3258 Datasheet HTML 13Page - STMicroelectronics AN3258 Datasheet HTML 14Page - STMicroelectronics AN3258 Datasheet HTML 15Page - STMicroelectronics AN3258 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AN3258
HSI calibration
Doc ID 17825 Rev 1
13/16
1.7
LIN clock deviation
LIN clock deviations may be caused by the following sources:
1.
Deviation due to transmitter error (DTRA): The transmitter can be either a master or a
slave (in the case of a slave listening to the response of another slave).
2.
Error due to the LIN synch measurement performed by the receiver (DMEAS).
3.
Error due to the baud rate quantization of the receiver (DQUANT).
4.
Deviation of the local oscillator of the receiver (DREC): This deviation can occur during
the reception of one complete LIN message assuming that the deviation was
compensated at the beginning of the message.
5.
Deviation due to the transmission line (DTCL) which is generally due to the
transceivers.
Total clock deviation = DTRA + DMEAS + DQUANT + DREC + DTCL
If the LINUART is to receive a character correctly, the total deviation should be <3.75 %. For
more details, please refer to the STM8A (RM0009) and STM8S (RM0016) reference
manuals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16