データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3262 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN3262
部品情報  Using the over-the-air bootloader with STM32W108 devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3262 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN3262 Datasheet HTML 5Page - STMicroelectronics AN3262 Datasheet HTML 6Page - STMicroelectronics AN3262 Datasheet HTML 7Page - STMicroelectronics AN3262 Datasheet HTML 8Page - STMicroelectronics AN3262 Datasheet HTML 9Page - STMicroelectronics AN3262 Datasheet HTML 10Page - STMicroelectronics AN3262 Datasheet HTML 11Page - STMicroelectronics AN3262 Datasheet HTML 12Page - STMicroelectronics AN3262 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
AN3262
Bootloader command set
Doc ID 17845 Rev 2
9/27
Figure 9.
Get Version & Read Protection Status command: device side
1.
GV = Get Version & Read Protection Status.
The STM32 device sends the following bytes:
Byte 1:
ACK
Byte 2:
Bootloader version (0 < Version
≤ 255)
Byte 3:
Option byte 1: 0x00 to keep the compatibility with generic
bootloader protocol
Byte 4:
Option byte 2: 0x00 to keep the compatibility with generic
bootloader protocol
Byte 5:
ACK
Ai14634
Send ACK byte
Start GV(1)
Received
byte = 0x01+0xFE?
Send the bootloader version
Option byte 2
End of GV(1)
No
Yes
Send NACK byte
Send ACK byte
Option byte 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27