データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3265 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN3265
部品情報  Handling hardware and software failures with the STM8S-DISCOVERY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3265 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN3265 Datasheet HTML 9Page - STMicroelectronics AN3265 Datasheet HTML 10Page - STMicroelectronics AN3265 Datasheet HTML 11Page - STMicroelectronics AN3265 Datasheet HTML 12Page - STMicroelectronics AN3265 Datasheet HTML 13Page - STMicroelectronics AN3265 Datasheet HTML 14Page - STMicroelectronics AN3265 Datasheet HTML 15Page - STMicroelectronics AN3265 Datasheet HTML 16Page - STMicroelectronics AN3265 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AN3265
Software description
Doc ID 17860 Rev 1
13/19
triggers an interrupt and launches the CLK_IRQHandler() routine. CSS_flag is set and
the application goes to step 3 (SystemState = 2).
3.
SystemState = 2
LD3 blinks slower than in state 2 since the master clock source is fHSI/8.
Pressing Button1 triggers an interrupt. The ButtonPressed flag is set by the
PortB_IRQHandler() routine, and a software reset is generated to disable the CSS (see
Section 2.3.2: Interrupt function flowcharts).
SystemState value is saved in the data EEPROM before the reset occurs.
4.
SystemState = 3
LD4 blinks. The HSE clock is set to the master clock source and the CSS is disabled to
demonstrate how the IWDG can be used to solve microcontroller hardware or software
failures.
Pressing Button2 for longer than the IWDG refresh window (1.02 s) stops the
application by simulating a master clock source failure. After the refresh period has
elapsed, the IWDG resets the STM8S105C6T6, and the application is re-initialized
(SystemState = 0).
Figure 5 shows the flowchart of the State_Machine() function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19