データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3307 データシート(PDF) 20 Page - STMicroelectronics

部品番号 AN3307
部品情報  Guidelines for obtaining IEC 60335 Class B certification for any STM32 application
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3307 データシート(HTML) 20 Page - STMicroelectronics

Back Button AN3307 Datasheet HTML 16Page - STMicroelectronics AN3307 Datasheet HTML 17Page - STMicroelectronics AN3307 Datasheet HTML 18Page - STMicroelectronics AN3307 Datasheet HTML 19Page - STMicroelectronics AN3307 Datasheet HTML 20Page - STMicroelectronics AN3307 Datasheet HTML 21Page - STMicroelectronics AN3307 Datasheet HTML 22Page - STMicroelectronics AN3307 Datasheet HTML 23Page - STMicroelectronics AN3307 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Class B software package
AN3307
20/37
Doc ID 18186 Rev 4
Figure 4.
STM32 demo hyper terminal output window in verbose mode
4.3.3
Debugging the package
If any of the self-test routines fail, an MCU reset is triggered in the FailSafePOR function
defined at stm32xxx_STLstartup.c file. This makes the debugging of the application difficult,
and can cause the debugger to lose the execution context.
While debugging the package it is useful to disable:
●
The call to the NVIC_GenerateSystemReset() macro in the FailSafePOR() routine to
prevent losing execution context when resetting the micro
●
Control flow monitoring when adding or removing self-test routines, in particular run-
time self-diagnostics
●
All program memory CRC checksum tests when using software breaks in the code to
prevent program memory check sum error occurrence
●
Window watch dog to prevent improper service out of the time slot window dedicated
for its refresh.
In the debugging phase it may be useful to enable the verbose diagnostic mode to watch
Class B status text messages via the USART terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37