データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3342 データシート(PDF) 28 Page - STMicroelectronics

部品番号 AN3342
部品情報  Getting started with STM8TL5xxx
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3342 データシート(HTML) 28 Page - STMicroelectronics

Back Button AN3342 Datasheet HTML 24Page - STMicroelectronics AN3342 Datasheet HTML 25Page - STMicroelectronics AN3342 Datasheet HTML 26Page - STMicroelectronics AN3342 Datasheet HTML 27Page - STMicroelectronics AN3342 Datasheet HTML 28Page - STMicroelectronics AN3342 Datasheet HTML 29Page - STMicroelectronics AN3342 Datasheet HTML 30Page - STMicroelectronics AN3342 Datasheet HTML 31Page - STMicroelectronics AN3342 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Setting up the STM8 development environment
AN3342
28/39
Doc ID 18461 Rev 3
11.2
Using the tools
Once the tools installation is complete, the ST visual develop (STVD) integrated
development environment can be launched.
The user then has the choice to generate either a new workspace with a new project or to
open an existing workspace. If using the STVD for the first time, it is recommended to open
an existing project from one of the STM8TL5x firmware libraries.
Note:
Even if you are not intending to use the library, an existing library project can be used as a
template to configure all the compiler options. Enter your own code after main().
The STM8TL5x standard peripheral firmware library includes several examples for each
peripheral plus one workspace containing a blank project which is ready to receive your C
code. It is located in the firmware subdirectory \Project\Examples (see Figure 15). You can
choose between STVD\Cosmic, STVD\Raisonance, RIDE, or EWSTM8.
The STM8TL5x STMTouch library provides all functions required for an easy and quick
development of your own touch sensing application, using the full set of STM8TL5x touch
sensing features. The STM8TL5x STMTouch library contains the touch sensing drivers
dedicated to the STM8TL5x and its ProxSense peripheral but also a set of examples
showing the STM8TL5x performances.
Figure 15.
STVD open example workspace



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39