| データシートサーチシステム |
|
AN3364 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3364 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 17 page ![]() How to migrate across STM32 series AN3364 12/17 Doc ID 018608 Rev 3 GPIO Yes Yes++ New peripheral Identical Not compatible CEC Yes NA NA NA NA USB FS Device Yes NA NA NA NA Crypto/hash processor NA Yes NA NA NA RNG NA Yes NA NA NA DCMI NA Yes NA NA NA USB OTG HS NA Yes NA NA NA SYSCFG NA Yes NA NA NA Table 3. STM32 peripheral compatibility analysis F1 versus F2 series (continued) Peripheral F1 series F2 series Compatibility Comments Pinout SW compatibility Color key: = New feature or new architecture (Yes++) = Same feature, but specification change or enhancement (Yes+) = Feature not available (NA) Table 4. STM32 peripheral compatibility analysis F1 versus F4 series Peripheral F1 series F4 series Compatibility Comments Pinout SW compatibility FSMC Yes Yes+ Enhancement Identical Full compatibility WWDG Yes Yes Same features NA Full compatibility IWDG Yes Yes Same features NA Full compatibility DBGMCU Yes Yes Same features NA Full compatibility CRC Yes Yes Same features NA Full compatibility EXTI Yes Yes Same features Identical Full compatibility CAN Yes Yes Same features Identical Full compatibility PWR Yes Yes+ Enhancement NA Full compatibility RCC Yes Yes+ Enhancement NA Partial compatibility SPI Yes Yes+ TI mode / Max baudrate / I2S full duplex Identical Full compatibility USART Yes Yes+ Bug fix / Max baudrate / One Sample Bit / Oversampling by 8 Identical Full compatibility |