データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3371 データシート(PDF) 44 Page - STMicroelectronics

部品番号 AN3371
部品情報  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 データシート(HTML) 44 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 37Page - STMicroelectronics AN3371 Datasheet HTML 38Page - STMicroelectronics AN3371 Datasheet HTML 39Page - STMicroelectronics AN3371 Datasheet HTML 40Page - STMicroelectronics AN3371 Datasheet HTML 41Page - STMicroelectronics AN3371 Datasheet HTML 42Page - STMicroelectronics AN3371 Datasheet HTML 43Page - STMicroelectronics AN3371 Datasheet HTML 44Page - STMicroelectronics AN3371 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
Revision history
AN3371
44/45
Doc ID 018624 Rev 5
24-May-2012
4
Updated the title.
Added F0 series devices and STM32F0xx in the Introduction.
Added a new driver line to Section 3: RTC firmware driver API.
Added ‘and STM32F0xx devices’ to the Note in Section 3.1: Start
with the RTC driver.
Added an F0 series column to Table 15: Advanced RTC features and
to Table 16: RTC function groups.
27-Sep-2012
5
Added F3 to the title.
Added STM32F30x, STM32F31x, STM32F37x and STM32F38x to
the Note:, STM32F3xx elsewhere.
Added STM32 F3 series to Table 1.
Added an F3 series column to Table 15: Advanced RTC features and
Table 16: RTC function groups.
Table 18.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45