| データシートサーチシステム |
|
AN3375 データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3375 データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 73 page ![]() AN3375 ISO15693 library (intermediate layer) Doc ID 018637 Rev 1 31/73 3.4.10 ISO15693_ResetToReady function This function sends a ResetToReady command to the contactless tag. 3.4.11 ISO15693_WriteAFI function This function sends a WriteAFI command to the contactless tag. Table 33. ISO15693_ResetToReady function description Function description Prototype result = int8_t ISO15693_ResetToReady (uc8 Flags, uc8 *UIDin, uc8 AppendCRC,uc8 *CRC16,uint8_t *pResponse); Input parameter Flags: request flags UIDin: pointer to contactless tag UID AppendCRC: CRC16 management CRC16: pointer to user CRC16 Output parameter pResponse: pointer to CR95HF response Return parameter RESULTOK: CR95HF returns a succeeded code ERRORCODE_GENERIC: a parameter value is erroneous or CR95HF returns an error code Table 34. ISO15693_WriteAFI function description Function description Prototype result = int8_t ISO15693_WriteAFI(uc8 Flags, uc8 *UIDin,uc8 AFIToWrite,uc8 AppendCRC, uc8 *CRC16,uint8_t *pResponse ); Input parameter Flags: request flags UIDin: pointer to contactless tag UID AFIToWrite: AFI byte to be written to the contactless tag memory AppendCRC: CRC16 management CRC16: pointer to user CRC16 Output parameter pResponse: pointer to CR95HF response Return parameter RESULTOK: CR95HF returns a succeeded code ERRORCODE_GENERIC: a parameter value is erroneous or CR95HF returns an error code |