データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3404 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN3404
部品情報  Low power considerations for STM8TL5xxx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3404 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN3404 Datasheet HTML 17Page - STMicroelectronics AN3404 Datasheet HTML 18Page - STMicroelectronics AN3404 Datasheet HTML 19Page - STMicroelectronics AN3404 Datasheet HTML 20Page - STMicroelectronics AN3404 Datasheet HTML 21Page - STMicroelectronics AN3404 Datasheet HTML 22Page - STMicroelectronics AN3404 Datasheet HTML 23Page - STMicroelectronics AN3404 Datasheet HTML 24Page - STMicroelectronics AN3404 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AN3404
ProxSense and low power modes
Doc ID 018847 Rev 3
21/30
6.3.4
Inactive state
It is recommended to set the inactive state of the receivers and transmitters to VSS in order
to avoid driving noise on these lines This also allows consumption to be reduced through the
PXS_RX and PXS_TX pins compared to if they were configured in floating state.
6.3.5
Receiver disabling
Between acquisitions, if the ProxSense is not switched off by resetting the PXS_EN bit in the
PXS control register 1 (PXS_CR1) or by setting the LOW_POWER bit, there is a static
consumption which depends on the number of enabled receivers. To reduce this
consumption, it is worth disabling all the receivers by resetting the PXS receiver enable
register (PXS_RXENR).
This is particularly relevant for applications that need a fast response time and which cannot
use the LOW_POWER bit option due to the stabilization time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30