データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3408 データシート(PDF) 37 Page - STMicroelectronics

部品番号 AN3408
部品情報  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 データシート(HTML) 37 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 30Page - STMicroelectronics AN3408 Datasheet HTML 31Page - STMicroelectronics AN3408 Datasheet HTML 32Page - STMicroelectronics AN3408 Datasheet HTML 33Page - STMicroelectronics AN3408 Datasheet HTML 34Page - STMicroelectronics AN3408 Datasheet HTML 35Page - STMicroelectronics AN3408 Datasheet HTML 36Page - STMicroelectronics AN3408 Datasheet HTML 37Page - STMicroelectronics AN3408 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
DocID018867 Rev 4
37/38
AN3408
Revision history
Revision history
Table 49. Document revision history
Date
Revision
Changes
14-June-2011
1
Initial release.
24-Jul-2012
2
Updated Acronym section and moved it to Appendix A: Acronym and
notational conventions.
Updated Table 5.: IC product code for ISO/IEC 15639
STMicroelectronics products.
Updated Binary notations, e.g. in Table 8, Table 9 and Table 10.
Updated Section 3.2: Memory organization of LRIS64K and
M24LRxx devices.
Updated Table 22: CC2 value for ISO/IEC 15693 products.
Added Section 4: Example of NDEF record.
Added Section 4.3: Smart poster record to Section 4.5.3: Memory
mapping of an M24LR64E-R EEPROM.
Added Section 5.3: WRITING an NDEF message in an ISO/IEC
15693 contactless tag.
13-Nov-2012
3
M24LR64-R replaced by M24LRxx-R and M24LRxxE-R on the cover
page, then by M24LRxx (see Note:).
Updated Table 5: IC product code for ISO/IEC 15639
STMicroelectronics products.
Updated Table 47: Contactless tag response of
GetSystemInformation command.
19-Mar-2013
4
Updated Table 43: Memory mapping of an M24LR64E-R EEPROM
and Table 46: Memory mapping of an M24LR64E-R EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38