データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3413 データシート(PDF) 3 Page - STMicroelectronics

部品番号 AN3413
部品情報  STM32L1x current consumption measurement and touch sensing demonstration firmware
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3413 データシート(HTML) 3 Page - STMicroelectronics

  AN3413 Datasheet HTML 1Page - STMicroelectronics AN3413 Datasheet HTML 2Page - STMicroelectronics AN3413 Datasheet HTML 3Page - STMicroelectronics AN3413 Datasheet HTML 4Page - STMicroelectronics AN3413 Datasheet HTML 5Page - STMicroelectronics AN3413 Datasheet HTML 6Page - STMicroelectronics AN3413 Datasheet HTML 7Page - STMicroelectronics AN3413 Datasheet HTML 8Page - STMicroelectronics AN3413 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DocID018933 Rev 2
3/18
AN3413
Application description
17
1
Application description
STM32L1xx DISCOVERY stands either for STM32L-DISCOVERY or 32L152CDISCOVERY
evaluation kit throughout the document.
1.1
Used hardware components
This application example uses the hardware components available on STM32L1xx
DISCOVERY; on-board LEDs (green LD3 and blue LD4), the 6-digit/4-bar LCD glass
display, the user push-button and touch sense slider. No additional components are
required.
1.2
STM32L1xx DISCOVERY hardware settings
The IDD jumper JP1 must be placed in position ON for standard operation (except for bias
current record operation, see Section 1.5.2).
Both jumpers on CN3 must be fitted to allow communication of STM32L15x with ST-Link
debugging tool thru SWD interface.
Note:
All solder bridges must be in the default state as described in UM1079.
1.3
Application schematics
Figure 1 shows the simplified application electrical schematics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18