| データシートサーチシステム |
|
AN3422 データシート(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3422 データシート(HTML) 43 Page - STMicroelectronics |
|
43 / 52 page ![]() AN3422 Firmware migration using the library Doc ID 018976 Rev 2 43/52 FlagStatus FLASH_GetFlagStatus(uint32_t FLASH_FLAG); FlagStatus FLASH_GetFlagStatus(uint32_t FLASH_FLAG); void FLASH_ClearFlag(uint32_t FLASH_FLAG); void FLASH_ClearFlag(uint32_t FLASH_FLAG); FLASH_Status FLASH_GetStatus(void); FLASH_Status FLASH_GetStatus(void); FLASH_Status FLASH_WaitForLastOperation(uint32_t Timeout); FLASH_Status FLASH_WaitForLastOperation(void); FlagStatus FLASH_GetPrefetchBufferStatus(void); NA NA void DATA_EEPROM_Unlock(void); NA void DATA_EEPROM_Lock(void); NA FLASH_Status DATA_EEPROM_EraseWord(uint32_t Address); NA FLASH_Status DATA_EEPROM_EraseDoubleWord(uint32_t Address); NA FLASH_Status DATA_EEPROM_FastProgramByte(uint32_t Address, uint8_t Data); NA FLASH_Status DATA_EEPROM_FastProgramHalfWord(uint32_t Address, uint16_t Data); NA FLASH_Status DATA_EEPROM_FastProgramWord(uint32_t Address, uint32_t Data); NA FLASH_Status DATA_EEPROM_ProgramByte(uint32_t Address, uint8_t Data); NA FLASH_Status DATA_EEPROM_ProgramHalfWord(uint32_t Address, uint16_t Data); NA FLASH_Status DATA_EEPROM_ProgramWord(uint32_t Address, uint32_t Data); NA FLASH_Status DATA_EEPROM_ProgramDoubleWord(uint32_t Address, uint64_t Data); Table 15. STM32F10x and STM32L1xx FLASH driver API correspondence (continued) STM32F10x Flash driver API STM32L1xx Flash driver API Color key: = New function = Same function, but API was changed = Function not available (NA) |