データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3433 データシート(PDF) 32 Page - STMicroelectronics

部品番号 AN3433
部品情報  Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3433 データシート(HTML) 32 Page - STMicroelectronics

Back Button AN3433 Datasheet HTML 26Page - STMicroelectronics AN3433 Datasheet HTML 27Page - STMicroelectronics AN3433 Datasheet HTML 28Page - STMicroelectronics AN3433 Datasheet HTML 29Page - STMicroelectronics AN3433 Datasheet HTML 30Page - STMicroelectronics AN3433 Datasheet HTML 31Page - STMicroelectronics AN3433 Datasheet HTML 32Page - STMicroelectronics AN3433 Datasheet HTML 33Page - STMicroelectronics AN3433 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Example of CR95HF tag detection command using results of tag detection calibration
AN3433
32/34
Doc ID 019046 Rev 2
Appendix D
Example of CR95HF tag detection command
using results of tag detection calibration
This is an example of a Tag Detection command when a tag is not present in the RF
operating volume using CR95HF revision 1.1.:
>>> CR95HFDll_STCmd, 01 070E0B21007901180020606064743F01
<<< 00 01 01 Wake-up event = Timeout (0x01)
>>> CR95HFDll_STCmd, 01 0803620100
<<< 00 01 01
This is an example of a Tag Detection command when a tag is present in the RF operating
volume using CR95HF revision 1.1.:
>>> CR95HFDll_STCmd, 01 070E0B21007901180020606064743F01
<<< 00 01 02 Wake-up event = Tag Detect (0x02)
>>> CR95HFDll_STCmd, 01 0803620100
<<< 00 01 02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34