| データシートサーチシステム |
|
AN3955 データシート(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3955 データシート(HTML) 41 Page - STMicroelectronics |
|
41 / 68 page ![]() AN3955 ISO/IEC 14443-3 layers Doc ID 022017 Rev 1 41/68 Table 58 describes the ISO14443B_SetParamByte function. Table 58. ISO14443B_SetParamByte function description Table 59 lists the functions of this layer which emit an ISO/IEC 14443-3 Type B command. Table 59. ISO/IEC 14443-3 Type B command functions description Table 60 lists the Split functions. A CR95HF response can include different information fields extracted by the following functions. Table 60. ISO/IEC 14443-3 Type B Split functions description Table 61 lists the Is function. This function returns RESULTOK if the function is successful. Otherwise, the Is function returns ERRORCODE_GENERIC. Table 61. ISO/IEC 14443-3 Type B Is function description ISO14443B_SetParamByte Returns the PARAM byte. ISO14443B_REQB Sends an REQB command to a contactless tag. ISO14443B_WUPB Sends a WUPB command to a contactless tag. ISO14443B_SlotMarker Sends a SlotMarker command to a contactless tag. ISO14443B_Attrib Sends an Attrib command to a contactless tag. ISO14443B_HLTB Sends an HLTB command to a contactless tag. ISO14443B_SplitATQB Splits an ATQB contactless tag response. ISO14443B_SplitApplicationDataField Splits an ApplicationData field. ISO14443B_SplitProtocolInfoField Splits a ProtocolInfo field. ISO14443B_IsPresent Checks if a 14443-3 Type B tag is present in the RF field. |