データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0054 データシート(PDF) 9 Page - STMicroelectronics

部品番号 PM0054
部品情報  How to program STM8L and STM8AL Flash program memory and data EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0054 データシート(HTML) 9 Page - STMicroelectronics

Back Button PM0054 Datasheet HTML 5Page - STMicroelectronics PM0054 Datasheet HTML 6Page - STMicroelectronics PM0054 Datasheet HTML 7Page - STMicroelectronics PM0054 Datasheet HTML 8Page - STMicroelectronics PM0054 Datasheet HTML 9Page - STMicroelectronics PM0054 Datasheet HTML 10Page - STMicroelectronics PM0054 Datasheet HTML 11Page - STMicroelectronics PM0054 Datasheet HTML 12Page - STMicroelectronics PM0054 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
PM0054
Memory organization
Doc ID 15433 Rev 9
9/28
3.2
Low density STM8L05x/15x microcontrollers
The low density STM8L05x/15x memory features:
●
From 4 to 8 Kbytes of embedded Flash program divided into 128 pages of 64 bytes
each. The memory array is organized in 32-bit words (4 bytes). It includes two areas:
The Flash program memory is divided into 2 areas:
–
The user boot code area (UBC)
–
The main program area
The size of the UBC area can be configured through option bytes.
●
256 bytes of data EEPROM located in a distinct array from Flash program memory
●
Up to 64 option bytes (one block) of which 5 bytes are already used to configure device
hardware features. The option bytes can be programmed in user, IAP and ICP/SWIM
modes except for ROP and UBC option bytes (refer to Section 5.5.2).
Refer to Table 3 for a detailed description of the memory partition for medium density
STM8L05x/15x microcontrollers.
Table 3.
Low density STM8L05x/15x memory partition(1)
Area
Page number (1 page=1 block)
Address
Data EEPROM
0
0x00 1000-0x00 103F
1
0x00 1040-0x00 107F
2
0x00 1080-0x00 10BF
3
0x00 10C0- 0x00 10FF
Option bytes
0
0x00 4800-0x00 483F
Flash
program
memory
Main
program
memory
UBC, PCODE
0
0x00 8000-0x00 003F
1
0x00 8040-0x00 807F
2
0x00 8080-0x00 80BF
3
0x00 80C0-0x00 80FF
4
0x00 8100-0x00 813F
5
0x00 8140-0x00 817F
...
...
UBC
127
0x00 9FC0-0x00 9FFF
1.
The memory mapping is given for the devices featuring 8 Kbytes of Flash program memory and 1 Kbyte of data EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com