| データシートサーチシステム |
|
PM0063 データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0063 データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 30 page ![]() PM0063 Register descriptions Doc ID 16211 Rev 2 23/30 3.2 FPEC key register (FLASH_KEYR) Address offset: 0x04 Reset value: xxxx xxxx Note: These bits are all write-only and will return a 0 when read. 3.3 Flash OPTKEY register (FLASH_OPTKEYR) Address offset: 0x08 Reset value: xxxx xxxx Note: These bits are all write-only and will return a 0 when read. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 FKEYR[31:16] wwww ww w w w w w w w w w w 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 FKEYR[15:0] wwww ww w w w w w w w w w w Bits 31:0 FKEYR: FPEC key These bits represent the keys to unlock the FPEC. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 OPTKEYR[31:16] wwww ww w w w w w w w w w w 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 OPTKEYR[15:0] wwww ww w w w w w w w w w w Bits 31:0 OPTKEYR: Option byte key These bits represent the keys to unlock the OPTWRE. |