データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0064 データシート(PDF) 7 Page - STMicroelectronics

部品番号 PM0064
部品情報  How to program the STM8T141 OTP options
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0064 データシート(HTML) 7 Page - STMicroelectronics

Back Button PM0064 Datasheet HTML 3Page - STMicroelectronics PM0064 Datasheet HTML 4Page - STMicroelectronics PM0064 Datasheet HTML 5Page - STMicroelectronics PM0064 Datasheet HTML 6Page - STMicroelectronics PM0064 Datasheet HTML 7Page - STMicroelectronics PM0064 Datasheet HTML 8Page - STMicroelectronics PM0064 Datasheet HTML 9Page - STMicroelectronics PM0064 Datasheet HTML 10Page - STMicroelectronics PM0064 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PM0064
Programming sequence
Doc ID 16274 Rev 3
7/13
7.
Repeat steps 5 and 6
for all 16 options.
Each option's value is clocked out - one after another. (As long as CS
remains HIGH, the IC will stay in State_20)
8.
IC power OFF
VDD = 0V
Table 3.
Option read (State_20)
Step
Action
Explanation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13