データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0073 データシート(PDF) 14 Page - STMicroelectronics

部品番号 PM0073
部品情報  STM32Wxxx Flash memory microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0073 データシート(HTML) 14 Page - STMicroelectronics

Back Button PM0073 Datasheet HTML 10Page - STMicroelectronics PM0073 Datasheet HTML 11Page - STMicroelectronics PM0073 Datasheet HTML 12Page - STMicroelectronics PM0073 Datasheet HTML 13Page - STMicroelectronics PM0073 Datasheet HTML 14Page - STMicroelectronics PM0073 Datasheet HTML 15Page - STMicroelectronics PM0073 Datasheet HTML 16Page - STMicroelectronics PM0073 Datasheet HTML 17Page - STMicroelectronics PM0073 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Reading/programming the STM32Wxxx embedded Flash memory
PM0073
14/34
Doc ID 17766 Rev 5
2.2.3
Main Flash memory programming
The main Flash memory can be programmed 16 bits at a time. The program operation is
started when the CPU writes a half-word into a main Flash memory address with the PG bit
of the FLASH_CR register set. Any attempt to write data that is not half-word long will result
in a bus error response from the FPEC. If a read/write operation is initiated during
programming (BSY bit set), the CPU stalls until the ongoing main Flash memory
programming is over.
Figure 1.
Programming procedure
Read FLASH_CR_LOCK
FLASH_CR_LOCK
= 1
Yes
No
Yes
No
Perform unlock sequency
Write FLASH_CR_PG to 1
Perform half-word write at the
desired address
FLASH_SR_BSY
= 1
Check the programmed value
by reading the programmed
address
Enable FPEC clock
ai14307c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34