| データシートサーチシステム |
|
PD16315 データシート(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD16315 データシート(HTML) 13 Page - Renesas Technology Corp |
|
13 / 23 page ![]() Data Sheet S14074EJ1V0DS 11 µµµµPD16315 8. SERIAL COMMUNICATION FORMAT Reception (command/data write) STB DIN CLK 12 3 7 8 b0 b1 b2 b6 b7 If data continues Transmission (data read) b7 b6 b5 b5 b4 b3 b2 b1 b0 b4 b3 b2 b1 b0 STB DIN DOUT CLK 11 22 33 44 55 66 78 tWAITNote A data read command is set. Data is read. Note When data is read, a wait time tWAIT of 1 µs is necessary since the rising of the eighth clock that has set the command, until the falling of the first clock that has read the data. Remark Because the DOUT pin is an N-ch, open-drain output pin, be sure to connect an external pull-up resistor (1 to 10 k Ω) to this pin. |