| データシートサーチシステム |
|
UM0097 データシート(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 データシート(HTML) 86 Page - STMicroelectronics |
|
86 / 229 page ![]() Peripheral firmware overview UM0097 86/229 Table 40 describes the states of RTC flags. RTC interrupts The following enumeration defines the real time clock interrupts. The RTC_IT enumeration is declared in the file 71x_rtc.h: typedef enum { RTC_GIT = 0x0008, RTC_OWIT = 0x0004, RTC_AIT = 0x0002, RTC_SIT = 0x0001, } RTC_IT; Table 41 describes the RTC interrupts. 3.7.2 Firmware library functions Table 42 enumerates the different functions of the RTC library. Table 40. RTC flags RTC Flags Description RTC_GIR RTC Global Interrupt Request flag RTC_OWIR RTC overflow interrupt request RTC_AIR RTC Alarm interrupt request RTC_SIR RTC Second interrupt request Table 41. RTC interrupts Constant Name Description RTC_GIT The RTC Global Interrupt RTC_OWIT The RTC overflow interrupt RTC_AIT The RTC Alarm interrupt RTC_SIT The RTC Second interrupt Table 42. RTC library functions Function Name Description RTC_PrescalerValue Reads and returns the prescaler value RTC_PrescalerConfig Configures the prescaler RTC_CounterValue Reads and returns the counter value RTC_CounterConfig Update the RTC counter value RTC_AlarmValue Reads and returns the Alarm time value RTC_AlarmConfig Configures the alarm time value RTC_FlagStatus Reads and returns the status of the specified RTC flag RTC_FlagClear Clears the specified RTC flag passed in parameter RTC_ITConfig Enables / Disables the specified RTC interrupt |