| データシートサーチシステム |
|
UM0224 データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0224 データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 34 page ![]() STR75x demonstration software Running the demonstrations 25/34 2.4.6 USB mouse demo The STR750 microcontroller provides an USB (Universal Serial Bus) which provide an interface between a full-speed USB bus and the APB bus. This sub-menu is used to configure the USB cell to communicate with the PC and run the mouse demo using the joystick push-buttons. If "SEL" pressed the following message is displayed on the LCD screen: For this sub-menu you have to connect an USB cable between the USB connector type B (CN2) and the PC. The previous message will remain displayed on the LCD screen until the cable plugin. Once the cable is connected, the following message is displayed on the LCD screen: Move the joystick and the PC cursor will move corresponding to the joystick push-button. To exit from this sub-menu press "SEL". Start USB Mouse Demo Plug the USB Cable Move the JoyStick To Stop Press SEL |