データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD70F3003A データシート(PDF) 11 Page - NEC

部品番号 UPD70F3003A
部品情報  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD70F3003A データシート(HTML) 11 Page - NEC

Back Button UPD70F3003A Datasheet HTML 7Page - NEC UPD70F3003A Datasheet HTML 8Page - NEC UPD70F3003A Datasheet HTML 9Page - NEC UPD70F3003A Datasheet HTML 10Page - NEC UPD70F3003A Datasheet HTML 11Page - NEC UPD70F3003A Datasheet HTML 12Page - NEC UPD70F3003A Datasheet HTML 13Page - NEC UPD70F3003A Datasheet HTML 14Page - NEC UPD70F3003A Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
µPD70F3003A, 70F3025A
11
Data Sheet U13189EJ3V0DS00
2.3 I/O Circuits of Pins and Recommended Connections of Unused Pins
Table 2-1 shows the I/O circuit type of each pin, and the recommended connections of the unused pins. Figure
2-1 shows a partially simplified diagram of each circuit.
When connecting a pin to VDD or VSS via resistor, use of a resistor of 1 to 10 k
Ω is recommended.
Table 2-1. I/O Circuit Types of Each Pin and Recommended Connections of Unused Pins (1/2)
Pin
I/O Circuit Type
Recommended Connections
P00/TO110, P01/TO111
5
Input
: Individually connect to VDD or VSS via resistor.
P02/TCLR11, P03/TI11,
8
Output : Leave unconnected.
P04/INTP110-P07/INTP113/ADTRG
P10-TO120, P11/TO121
5
P12/TCLR12, P13/TI12
8
P14/INTP120
P15/INTP121/SO2
P16/INTP122/SI2
P17/INTP123/SCK2
P20/PWM0, P21/PWM1
5
P22/TXD0/SO0
P23/RXD0/SI0, P24/SCK0
8
P25/TXD1/SO1
5
P26/RXD1/SI1, P27/SCK1
8
P30/TO130, P31/TO131
5
P32/TCLR13, P33/TI13
8
P34/INTP130
P35/INTP131/SO3
10-A
P36/INTP132/SI3
P37/INTP133/SCK3
P40/AD0-P47/AD7
5
P50/AD8-P57/AD15
P60/A16-P63/A19
P70/ANI0-P77/ANI7
9
Directly connect to VSS.
P90/LBEN
5
Input: Individually connect to VDD or VSS via resistor.
P91/UBEN
Output: Leave unconnected.
P92/R/W
P93/DSTB
P94/ASTB
P95/HLDAK
P96/HLDRQ
P110/TO140, P111/TO141
P112/TCLR14, P113/TI14
8
P114/INTP140-P117/INTP143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44