| データシートサーチシステム |
|
AN3985 データシート(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3985 データシート(HTML) 67 Page - STMicroelectronics |
|
67 / 105 page ![]() AN3985 M24LRxx layer Doc ID 022255 Rev 2 67/105 Table 114 lists the request flags witch are forced inside the M24LRxx layer functions: ● 0 means the flag is reset. ● 1 means the flag is set. ● - means the user application manages the flag. For more information, please refer to ISO/IEC 15693 specification and to the LRIxK datasheets. Table 114. M24LR* layer forced request flags Function Inventory Flag Protocol Extension flag Option Flag Address flag Select flag Inventory 1 0 0 - - Stay Quiet 00010 Read Single block 0 - - - - Write Single Block 0 - - - - Read Multiple Blocks 0 - - - - Select 00010 Reset to ready 0 0 0 - - Write AFI 0 0 --- Lock AFI 0 0 - - - Write DSFID 0 0 --- Lock DSFID 0 0 - - - Get system Info 0 1 0 - - Get multiple blocks status 0 1 0 - - Write Sector Password 0 0 - - - Present Sector Password 0 0 - - - Fast Read Single Block 0 - - - - Fast Inventory Initiated 1 0 0 - - Fast Initiate 00000 Fast Read multiple blocks 0 - - - - Inventory Initiated 1 0 0 - - Initiate 00000 ReadCfg 0 0 0 - - WriteEHCfg 0 0 - - - SetRstEHEn 0 0 0 - - CheckEHEn 0 0 0 - - WriteDOCfg 0 0 --- |