データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4067 データシート(PDF) 12 Page - STMicroelectronics

部品番号 AN4067
部品情報  Microcontrollers of STM32F0x1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4067 データシート(HTML) 12 Page - STMicroelectronics

Back Button AN4067 Datasheet HTML 8Page - STMicroelectronics AN4067 Datasheet HTML 9Page - STMicroelectronics AN4067 Datasheet HTML 10Page - STMicroelectronics AN4067 Datasheet HTML 11Page - STMicroelectronics AN4067 Datasheet HTML 12Page - STMicroelectronics AN4067 Datasheet HTML 13Page - STMicroelectronics AN4067 Datasheet HTML 14Page - STMicroelectronics AN4067 Datasheet HTML 15Page - STMicroelectronics AN4067 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Internal RC oscillator calibration
AN4067
12/27
DocID022913 Rev 2
Figure 7. Hardware connection using LSE as the reference frequency
1.
TI1_RPM: TIM14 input 1 remapping
2.
TI1_RPM: Timer input 1
3.
IC1PS: Input capture 1 prescaled
Note:
It is also possible to use MCO for this purpose.
3.2.2
Case where another source is used as the reference frequency to
measure HSI
Any signal with an accurate frequency can be used for the internal oscillator calibration, and
the external signal is one of the possibilities.
As shown in Figure 8 below, the reference signal should be connected to Timer 14
channel 1.
Figure 8. Hardware connection using external reference frequency
1.
TI1_RPM: TIM14 input 1 remapping
2.
TI1: Timer input 1
3.
IC1PS: Input capture 1 prescaled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27