| データシートサーチシステム |
|
PM0212 データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0212 データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 22 page ![]() PM0212 Programming STM8 Flash microcontrollers Doc ID 022351 Rev 2 17/22 4.5.2 How to program the option bytes The option bytes are stored only once. On STM8TL5xxx devices, the option bytes can be modified only in ICP/SWIM mode with OPT bit of the FLASH_CR2 register set to ‘1’ (refer to the description of FLASH_CR2 register in the reference manual). 4.6 Memory access versus programming method Table 5 gives a description of possible accesses from the core to memory areas according to the programming method. Table 5. Memory access versus programming method Mode ROP Memory Area Access from core(1) User, IAP Readout protection enabled Interrupt vectors except for TRAP R/W(2)/E TRAP R/W/E Proprietary code area (PCODE) R/E User boot code area (UBC) R/E Main program R/W/E Data EEPROM area (DATA) R/W(3) Option bytes R Readout protection disabled Interrupt vectors except for TRAP R/W(2)/E TRAP R/W/E Proprietary code area (PCODE) R/E(4) User boot code area (UBC) R/E(5) Main program R/W/E(7) Data EEPROM area (DATA) R/W(3) Option bytes R |