データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0319 データシート(PDF) 108 Page - STMicroelectronics

部品番号 RM0319
部品情報  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 データシート(HTML) 108 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 104Page - STMicroelectronics RM0319 Datasheet HTML 105Page - STMicroelectronics RM0319 Datasheet HTML 106Page - STMicroelectronics RM0319 Datasheet HTML 107Page - STMicroelectronics RM0319 Datasheet HTML 108Page - STMicroelectronics RM0319 Datasheet HTML 109Page - STMicroelectronics RM0319 Datasheet HTML 110Page - STMicroelectronics RM0319 Datasheet HTML 111Page - STMicroelectronics RM0319 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 368 page
background image
External memory interface (EMI)
RM0319
108/368
Doc ID 022640 Rev 3
EMI read without acknowledgement signal (EMI_WAIT#)
Figure 29.
EMI read (without ACK)
This timing diagram indicates a typical EMI read cycle. Acknowledgement signal
(EMI_WAIT#) is ignored in this case. It also indicates the registers which affect the timing
duration of the different interface signals.
EMI read with acknowledgement signal (EMI_WAIT#)
Figure 30.
EMI read (with ACK)
This timing diagram indicates a typical EMI read cycle in which the Acknowledgement signal
(EMI_WAIT#) is considered. It also indicates the registers which affect the timing duration of
the different interface signals
.
9.4
Programming examples
Example 1: A 16-bit peripheral which does not use byte lane procedure is connected with
EMI. The peripheral does not provide the acknowledgement signal. We want to perform
read and write to it. The peripheral is connected to CS0.
READ DATA
BE ADDR
EMI_ADB
EMI_ADDLE
EMI_CE#
EMI_OE#
tSDP
tAP
tDPr
tDCS
a
b
cd
e
READ DATA
BE ADDR
EMI_ADB
EMI_ADDLE
EMI_CE#
EMI_OE#
tSDP
tAP
tDPr
tDCS
EMI_WAIT#
b
a
cd
e
f
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More