データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0319 データシート(PDF) 22 Page - STMicroelectronics

部品番号 RM0319
部品情報  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 データシート(HTML) 22 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 18Page - STMicroelectronics RM0319 Datasheet HTML 19Page - STMicroelectronics RM0319 Datasheet HTML 20Page - STMicroelectronics RM0319 Datasheet HTML 21Page - STMicroelectronics RM0319 Datasheet HTML 22Page - STMicroelectronics RM0319 Datasheet HTML 23Page - STMicroelectronics RM0319 Datasheet HTML 24Page - STMicroelectronics RM0319 Datasheet HTML 25Page - STMicroelectronics RM0319 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 368 page
background image
Preface
RM0319
22/368
Doc ID 022640 Rev 3
1
Preface
1.1
Terms and conditions
The following terms are used in this document:
Reserved: All reserved or unused bits of registers must be written as zero, and ignored
on read unless otherwise stated in the relevant text.
1.2
Conventions
1.2.1
Numbering conventions
The following convention of stating constant numbers is used:
[<size in bits>]’<base><number>
where:
<size in bits>: (optional) width of bits field associated to <number>
<base>: “b” for binary, ‘h” for hexadecimal, “o” for octal, “d” for decimal
<number>: value of constant number, according to <base>
Examples:
‘d19
unsized decimal value
8’h2C
8-bit wide hexadecimal value of 0x2C, corresponding to b00101100
8’b011001
8-bit wide binary value of b00011001
32’hFFFF
32-bit wide hexa decimal value of 0xFFFF, corresponding to
b00000000000000001111111111111111
1.2.2
Bits description
The conventions below apply to the description of both bit and registry fields:
a bit is defined as “set” when its value is set to ‘b1.
a bit is defined as “cleared” when its value is set to ‘b0.
1.2.3
Typographical conventions
Table 1.
Typographical conventions
Typographic format
Meaning
italic
Highlights notes.
bold
Highlights important terms, definitions and names of registry
field.
MONOSPACE CAPITAL BOLD
Indicates signal names.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More