| データシートサーチシステム |
|
RM0319 データシート(PDF) 187 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 データシート(HTML) 187 Page - STMicroelectronics |
|
187 / 368 page ![]() RM0319 MMC-SD card/SDIO controller Doc ID 022640 Rev 3 187/368 14.5.5 Transferring data without DMA Figure 62. Data transaction sequence without DMA Command Complete Int occur Start End Clr Command Complete Status Get Response Data Wait for Command Complete Int Write or read ? Wait for Buffer Read Ready Int Clr Buffer Read Ready Status (1) Set Command Reg Set Block Size Reg Set Block Count Reg Set Argument Reg Set Transfer Mode Reg Get Block Data Wait for Buffer Write Ready Int Clr Buffer Write Ready Status Set Block Data Wait for Transfer Complete Int Clr Transfer Complete Status Abort Transaction Infinite Block Transfer Single or Multi Block Transfer Transfer Complete Int occur Single/Multi/ Infinite Block Transfer? More Blocks? More Blocks? Buffer Read Ready occur Buffer Write Ready occur Write Read (2) (3) (4) (5) (6) (7) (8) (9) (10) (11) (12) (13) (14) (15) (16) (17) (18) (19) (20) (21) No No Yes Yes |