データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0319 データシート(PDF) 256 Page - STMicroelectronics

部品番号 RM0319
部品情報  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 データシート(HTML) 256 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 252Page - STMicroelectronics RM0319 Datasheet HTML 253Page - STMicroelectronics RM0319 Datasheet HTML 254Page - STMicroelectronics RM0319 Datasheet HTML 255Page - STMicroelectronics RM0319 Datasheet HTML 256Page - STMicroelectronics RM0319 Datasheet HTML 257Page - STMicroelectronics RM0319 Datasheet HTML 258Page - STMicroelectronics RM0319 Datasheet HTML 259Page - STMicroelectronics RM0319 Datasheet HTML 260Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 368 page
background image
Legacy IEEE 1284 parallel port (SPP)
RM0319
256/368
Doc ID 022640 Rev 3
this data to the print head or any buffer memory. It is also possible for the processor to
communicate to the external host if paper error or any other fault occurs.
20.4
Clocks
The timing diagram for one cycle of data transfer is shown in Figure 90. The acknowledge
signal ACKn goes low for 0.5µs (minimum). This timing is derived from an input clock (APB
clock) of 83 MHz. The busy signal goes back low only when the processor stores this
latched data and sends the appropriate control signal (see Control Register).
Figure 90.
Data transfer timing diagram
0.5us
DATA
STROBEn
BUSY
ACKn
SELINn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More