| データシートサーチシステム |
|
RM0319 データシート(PDF) 298 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 データシート(HTML) 298 Page - STMicroelectronics |
|
298 / 368 page ![]() Security co-processor (C3) RM0319 298/368 Doc ID 022640 Rev 3 Channel 2 - Advanced Encryption Standard (AES) Channel ID: 0x0000_3000 Supported algorithms ● AES (128, 192, 256 bit keys) ● AES ECB encryption + decryption ● AES CBC encryption + decryption ● AES Counter Mode encryption + decryption ● FIFO Size – Input FIFO: 16x32 bits – Output FIFO: 16x32 bits Channel 3 - Unified Hash with HMAC Channel ID: 0x0000_4002 Supported algorithms ● MD5 – Hash with 128 bit digest –HMAC ● SHA1 – Hash with 160 bit digest –HMAC ● FIFO Size – Input FIFO: 16x32 bits – Output FIFO: 8x32 bits Channel 4 - Empty Channel 5 - Empty Channel 6 - Empty Channel 7 - Empty ● Number of Instruction Dispatchers is 4. The configuration is as follows: – ID0 - Available –ID1 - Empty –ID2 - Empty –ID3 - Empty ● Number Coupling / Chaining Module (internal cross-bar) for inter channel direct high- speed communications is 1. |