データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0319 データシート(PDF) 315 Page - STMicroelectronics

部品番号 RM0319
部品情報  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 データシート(HTML) 315 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 311Page - STMicroelectronics RM0319 Datasheet HTML 312Page - STMicroelectronics RM0319 Datasheet HTML 313Page - STMicroelectronics RM0319 Datasheet HTML 314Page - STMicroelectronics RM0319 Datasheet HTML 315Page - STMicroelectronics RM0319 Datasheet HTML 316Page - STMicroelectronics RM0319 Datasheet HTML 317Page - STMicroelectronics RM0319 Datasheet HTML 318Page - STMicroelectronics RM0319 Datasheet HTML 319Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 368 page
background image
RM0319
System controller (SYSCTR)
Doc ID 022640 Rev 3
315/368
29
System controller (SYSCTR)
This chapter focuses on the system controller functionality and operation.
For technical details about the programmable registers related to the system controller, refer
to the system controller registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
29.1
Overview
The system controller provides an interface for controlling the operation of the overall
system.
29.2
Main features
●
System mode control state machine
●
Integrates crystal and PLL control
●
Defines the system response to interrupts
●
Implements soft reset generation
●
Generates watchdog module clock enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More