データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0843 データシート(PDF) 29 Page - STMicroelectronics

部品番号 UM0843
部品情報  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 データシート(HTML) 29 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 25Page - STMicroelectronics UM0843 Datasheet HTML 26Page - STMicroelectronics UM0843 Datasheet HTML 27Page - STMicroelectronics UM0843 Datasheet HTML 28Page - STMicroelectronics UM0843 Datasheet HTML 29Page - STMicroelectronics UM0843 Datasheet HTML 30Page - STMicroelectronics UM0843 Datasheet HTML 31Page - STMicroelectronics UM0843 Datasheet HTML 32Page - STMicroelectronics UM0843 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
UM0843
Connectors
Doc ID16543 Rev 2
29/48
7.9
RS232/UART0 DB9 plug connector P2
Figure 12.
RS232/UART0 DB9 plug connector P2
7.10
RS232/UART1 DB9 plug connector P3
Figure 13.
RS232/UART1 DB9 plug connector P3
Table 29.
RS232/UART0 DB9 plug connector P2
Pin number
Description
Pin number
Description
1
UART0_DCD
6
UART0_DSR
2
UART0_RX
7
UART0_RTS
3
UART0_TX
8
UART0_CTS
4
UART0_DTR
9
UART0_RI
5GND
Table 30.
RS232/UART1 DB9 plug connector P3
Pin number
Description
Pin number
Description
1NC
6
NC
2UART1_RX
7
NC
3UART1_TX
8
NC
4NC
9
NC
5GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48