データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0844 データシート(PDF) 21 Page - STMicroelectronics

部品番号 UM0844
部品情報  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 データシート(HTML) 21 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 17Page - STMicroelectronics UM0844 Datasheet HTML 18Page - STMicroelectronics UM0844 Datasheet HTML 19Page - STMicroelectronics UM0844 Datasheet HTML 20Page - STMicroelectronics UM0844 Datasheet HTML 21Page - STMicroelectronics UM0844 Datasheet HTML 22Page - STMicroelectronics UM0844 Datasheet HTML 23Page - STMicroelectronics UM0844 Datasheet HTML 24Page - STMicroelectronics UM0844 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
UM0844
The pre-flashed software
Doc ID 16544 Rev 3
21/43
Figure 6.
USB flasher first screen
7.
In the SPEAr Flashing utilities window, select the target device (SPEAr300 in the
example).
8.
Click on the Connect button.
The PC now asks for a new driver.
9.
Select the following path: c:\flashing_util\Setup\g_serial.inf
A new COM port should be now visible inside Windows Device Manager. The same COM
port must be used in next tasks with USB flasher.
The USB flasher tool is now ready for normal operation.
2.8.2
Installing the Flash images
For each evaluation board, default binary images for serial NOR Flash are available on ST
Web site (see Figure 2.8.1 above) for usage in combination with the USB flasher tool.
To install the Flash images, download the ZIP file for a specific evaluation board and extract
its contents under the same folder as the one used for USB Flasher.
For example, if you use the EVALSPEAR300 evaluation board, the ZIP file with the Flash
images should be extracted to the following path:
c:\flashing_util\evalspear300_Flash_images
The subfolder should contain 4 binary images (xloader, U-Boot, kernel and default root
filesystem) as well as a USB flasher configuration file, for example, s300_defconfig.conf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43