データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0894 データシート(PDF) 25 Page - STMicroelectronics

部品番号 UM0894
部品情報  STM32W-SK and STM32W-EXT starter and extension kits for STM32W108xx microcontrollers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0894 データシート(HTML) 25 Page - STMicroelectronics

Back Button UM0894 Datasheet HTML 21Page - STMicroelectronics UM0894 Datasheet HTML 22Page - STMicroelectronics UM0894 Datasheet HTML 23Page - STMicroelectronics UM0894 Datasheet HTML 24Page - STMicroelectronics UM0894 Datasheet HTML 25Page - STMicroelectronics UM0894 Datasheet HTML 26Page - STMicroelectronics UM0894 Datasheet HTML 27Page - STMicroelectronics UM0894 Datasheet HTML 28Page - STMicroelectronics UM0894 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
UM0894
Running the STM32W108xx kits
Doc ID 16999 Rev 6
25/45
Figure 11. Sun node with 5 planets
Figure 12. Network down
The following table summarizes the symbols appearing on the LCD screen and the
associated events.
Note:
For further information about the SimpleMAC sample application, refer to STM32W108xx
SimpleMAC user manual - UM0893, available on the STM32W 32-bit RF microcontroller
webpages at www.st.com/stm32w.
2.3.4
SimpleMAC Sun PC applet (based on SimpleMAC library)
This section shows how to set up a star network supporting parent and child roles (called,
respectively, sun and planet) by using a PC applet targeting the SimpleMAC Sun
application.
The main functions of the SimpleMAC Sun PC applet are:
●
Sun node forms a IEEE 802.15.4 network
●
Give all information about the sun node (channel, pan ID, node ID, eui64, tx power, ...)
●
Handling planets nodes joining to the network
●
Handling planets node leaving the network once
●
Sun node leaves network
●
Sun node receives data from each joined planet node
2.3.5
Run the SimpleMAC Sun PC applet
The application board is automatically configured when launching the SimpleMAC Sun PC
applet.
Table 23.
Definition of LCD screen symbols (SimpleMAC sample application)
Symbol
Associated event
Blue line connecting planet to sun
Planet sends data to the sun (see Figure 10)
D
Network down (see Figure 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45