データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1037 データシート(PDF) 10 Page - STMicroelectronics

部品番号 UM1037
部品情報  STM8L1528-EVAL evaluation board
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1037 データシート(HTML) 10 Page - STMicroelectronics

Back Button UM1037 Datasheet HTML 6Page - STMicroelectronics UM1037 Datasheet HTML 7Page - STMicroelectronics UM1037 Datasheet HTML 8Page - STMicroelectronics UM1037 Datasheet HTML 9Page - STMicroelectronics UM1037 Datasheet HTML 10Page - STMicroelectronics UM1037 Datasheet HTML 11Page - STMicroelectronics UM1037 Datasheet HTML 12Page - STMicroelectronics UM1037 Datasheet HTML 13Page - STMicroelectronics UM1037 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Hardware layout and configuration
UM1037
10/46
Doc ID 18294 Rev 1
2.5
LCD glass module
A LCD glass module (MB905) with Liquid Crystal Display is mounted on STM8L1528-EVAL
evaluation board. It can be connected to LCD driver of STM8L152M8T6 or work as a set of
jumpers by mounting it on two possible positions, "IO position" or "LCD position".
●
IO position : All peripherals (LEDs, Joystick, Bi-color LED, potentiometer, Motor
control, MicroSD card and Microphone) shared with LCD glass are connected to
STM8L152M8T6 and LCD glass is disconnected when LCD glass module is mounted
in IO position as shown below (default setting).
Figure 4.
LCD glass module in IO position
●
LCD position: LCD glass is connected to LCD driver of STM8L152M8T6 and all
peripherals shared with LCD glass are disconnected when LCD glass module is
mounted on position LCD as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46