| データシートサーチシステム |
|
UM1510 データシート(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1510 データシート(HTML) 49 Page - STMicroelectronics |
|
49 / 69 page ![]() UM1510 Running the demonstration Doc ID 022713 Rev 1 49/69 Figure 65. Temperature sensor error 2.4.8 USB Mass Storage Submenu The STM32L152ZD(T6) microcontroller features a USB (universal serial bus) that provides a full-speed interface to a USB host PC. The USB Mass Storage submenu is used to configure the USB interface for communication with the PC and to run the mass storage demo using an MSD card. Figure 66. USB Mass Storage submenu If the SEL push-button is pressed when Start is selected, the message shown in Figure 67 appears on the LCD screen until the cable is plugged in. End of slide show Click to exit NO TSENSOR Present Exit: push joystick USB Mass Storage Return Start NAND Physical Format |