データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4190 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN4190
部品情報  Antenna selection guidelines
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4190 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN4190 Datasheet HTML 17Page - STMicroelectronics AN4190 Datasheet HTML 18Page - STMicroelectronics AN4190 Datasheet HTML 19Page - STMicroelectronics AN4190 Datasheet HTML 20Page - STMicroelectronics AN4190 Datasheet HTML 21Page - STMicroelectronics AN4190 Datasheet HTML 22Page - STMicroelectronics AN4190 Datasheet HTML 23Page - STMicroelectronics AN4190 Datasheet HTML 24Page - STMicroelectronics AN4190 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AN4190
Antennas for low power applications
Doc ID 023812 Rev 1
21/29
Figure 15.
Helical antenna implementation
Figure 16.
Helical antenna axial mode 3D radiation pattern
2.2
Microstrip patch antenna
Microstrip antennas became very popular in the 1970s primarily for space borne
applications. Today they are used for government and commercial applications. These
antennas consist of a metallic patch on a grounded substrate. The metallic patch can take
many different configurations; however the rectangular and circular patches are the most
popular because of ease of analysis and fabrication, and their attractive radiation
characteristics. Microstrip antennas are low profile, conformable to planar and non-planar
surfaces, simple and inexpensive to fabricate and mechanically robust when mounted on
rigid surfaces. When the particular patch shape and mode are selected they are very
versatile in terms of resonant frequency, polarization, pattern and impedance.
Major operational disadvantages of the microstrip antennas are their low efficiency, low
power, high Q (sometimes in excess of 100), poor polarization purity, poor scan
performance, spurious feed radiation and very narrow frequency bandwidth, which is
typically only a fraction of a percent or at most a few percent.
AM16439v1
AM16440v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29