| データシートサーチシステム |
|
AN4207 データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4207 データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 28 page ![]() AN4207 Basics of sigma-delta converters Doc ID 023945 Rev 1 5/28 1 Basics of sigma-delta converters Sigma-delta converters, also known as oversampling converters, consist of two basic circuits: a modulator and a digital filter (Figure 1). In the modulator, the input signal is added to the negative feedback signal from the digital to analog converter (DAC). The signal’s difference, after passing through the integrating circuit, reaches the input of the comparator (1-bit ADC), where it is compared to the reference voltage (the comparator works as a 1-bit quantizer). The input signal from the comparator (1-bit ADC) controls the 1-bit converter and reaches the input of the digital filter, which decreases flowability and transforms the 1-bit stream into 16-bit words. The used filter topology that ensures the low-pass stage is Sinc³. Figure 1. Block diagram of a sigma-delta analog to digital converter 1-bit ADC 1-bit DAC Digital filter & Decimator Vin 1-bit stream MSv31135V1 16-bit data |