データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4228 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN4228
部品情報  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 17Page - STMicroelectronics AN4228 Datasheet HTML 18Page - STMicroelectronics AN4228 Datasheet HTML 19Page - STMicroelectronics AN4228 Datasheet HTML 20Page - STMicroelectronics AN4228 Datasheet HTML 21Page - STMicroelectronics AN4228 Datasheet HTML 22Page - STMicroelectronics AN4228 Datasheet HTML 23Page - STMicroelectronics AN4228 Datasheet HTML 24Page - STMicroelectronics AN4228 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
DocID024110 Rev 5
21/90
AN4228
Peripheral migration
89
3.4.2
Peripheral access configuration
Since the address mapping of some peripherals has been changed in STM32F3 series
versus STM32F1 series, you need to use different registers to [enable/disable] or [enter/exit]
the peripheral [clock] or [from reset mode].
To configure the access to a given peripheral, you have first to know to which bus this
peripheral is connected; refer to Table 8 then, depending on the action needed, program
the right register as described in Table 11 above. For example, if USART1 is connected to
the APB2 bus, to enable the USART1 clock you have to configure APB2ENR register as
follows:
RCC->APB2ENR |= RCC_APB2ENR_USART1EN;
Table 11. RCC registers used for peripheral access configuration
Bus
Register
Comments
AHB
RCC_AHBRSTR
Used to [enter/exit] the AHB peripheral from reset
RCC_AHBENR
Used to [enable/disable] the AHB peripheral clock
APB1
RCC_APB1RSTR
Used to [enter/exit] the APB1 peripheral from reset
RCC_APB1ENR
Used to [enable/disable] the APB1 peripheral clock
APB2
RCC_APB2RSTR
Used to [enter/exit] the APB2 peripheral from reset
RCC_APB2ENR
Used to [enable/disable] the APB2 peripheral clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90