データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4296 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN4296
部品情報  The purpose of this application note is to give a presentation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4296 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN4296 Datasheet HTML 9Page - STMicroelectronics AN4296 Datasheet HTML 10Page - STMicroelectronics AN4296 Datasheet HTML 11Page - STMicroelectronics AN4296 Datasheet HTML 12Page - STMicroelectronics AN4296 Datasheet HTML 13Page - STMicroelectronics AN4296 Datasheet HTML 14Page - STMicroelectronics AN4296 Datasheet HTML 15Page - STMicroelectronics AN4296 Datasheet HTML 16Page - STMicroelectronics AN4296 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DocID024590 Rev 3
13/25
AN4296
Execute application code from CCM RAM using the IAR EWARM toolchain
24
2.2.2
Updating the startup file
To update the startup file:
1.
Make a second vector table to be stored in CCM RAM. The startup_stm32f30x.s file
should be modified by removing all entries except for sfe(CSTACK) and Reset_Handler
from the original vector table ‘__vector_table’.
2.
Add a second vector table to be placed in CCM RAM. It should contain all entries. As
an example you can call it ‘__vector_table_CCMRAM’. This vector table must be
placed in the intvec_CCMRAM section defined in the linker file.
Figure 6. EWARM startup file update for interrupt handler
2.2.3
Place the interrupt handler in CCM RAM
Place the interrupt handler to be executed in CCM RAM as described in Section 2.1.2
or
the whole stm32f_it.c file as described in Section 2.1.1.
2.2.4
Remap the vector table to CCM RAM
In SystemInit function, remap the vector table to CCM RAM by modifying the VTOR register
as following:
SCB->VTOR = 0x10000000 | VECT_TAB_OFFSET;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25