データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD72042 データシート(PDF) 39 Page - NEC

部品番号 UPD72042
部品情報  LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD72042 データシート(HTML) 39 Page - NEC

Back Button UPD72042 Datasheet HTML 35Page - NEC UPD72042 Datasheet HTML 36Page - NEC UPD72042 Datasheet HTML 37Page - NEC UPD72042 Datasheet HTML 38Page - NEC UPD72042 Datasheet HTML 39Page - NEC UPD72042 Datasheet HTML 40Page - NEC UPD72042 Datasheet HTML 41Page - NEC UPD72042 Datasheet HTML 42Page - NEC UPD72042 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
µPD72042
39
Data Sheet S14870EJ1V0DS00
STR
Address
: 0000B (0H)
Read/write
: Read
Status register
When reset : 0101
××××B
STR is a one-byte read register used to indicate the states of TBF and RBF.
[TFL]
1 : TBF is full.
0 : TBF is not full. The microcomputer can load data into TBF.
[TEP]
1 : TBF is empty. The microcomputer can load initial data into TBF.
0 : TBF is not empty.
[RFL]
1 : RBF is full.
0 : RBF is not full.
[REP]
1 : RBF is empty.
0 : RBF is not empty. The microcomputer can read data from RBF.
b7
TFL
b6
TEP
b5
RFL
b4
b3
b0
—
STR
b2
b1
REP
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92