データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4365 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN4365
部品情報  Using STM32F4 MCU power modes with best dynamic efficiency
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4365 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN4365 Datasheet HTML 17Page - STMicroelectronics AN4365 Datasheet HTML 18Page - STMicroelectronics AN4365 Datasheet HTML 19Page - STMicroelectronics AN4365 Datasheet HTML 20Page - STMicroelectronics AN4365 Datasheet HTML 21Page - STMicroelectronics AN4365 Datasheet HTML 22Page - STMicroelectronics AN4365 Datasheet HTML 23Page - STMicroelectronics AN4365 Datasheet HTML 24Page - STMicroelectronics AN4365 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
DocID025303 Rev 2
21/35
AN4365
STM32F4 current consumption measuring
34
Figure 9 shows an Idd jumper circuitry of STM32F429I-DISCO MB1075B. (For more details,
please refer to user manual UM1670 Discovery kit for STM32F429/439 lines).
Figure 9. Jumper for Idd consumption measuring
You can refer to Table 2 to know more about the used pins described in previous parts.
To start measuring, the user should establish the connection of the described parts as
shown on Figure 10.
Table 2. Used pins description
Discovery board
Idd
jumper
3 V pin of
VDD supply
Ground
STM32F4DISCOVERY
MB997C
JP1
Pin 5 or Pin 6 of header
25X2 (P1)
Pin 49/50 of header 25X2 (P1)
STM32F401C-DISCO
MB1115B
JP2
Pin 5 or Pin 6 of header
25X2 (P1)
Pin 49/50 of header 25X2 (P1)
STM32F429I-DISCO
MB1075B
JP3
Pin 1 or Pin 2 of header
32X2 (P1)
Pin 63 or Pin 64 of header 32X2
(P1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35