データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4387 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN4387
部品情報  BlueNRG is a very low power Bluetooth low energy
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4387 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN4387 Datasheet HTML 9Page - STMicroelectronics AN4387 Datasheet HTML 10Page - STMicroelectronics AN4387 Datasheet HTML 11Page - STMicroelectronics AN4387 Datasheet HTML 12Page - STMicroelectronics AN4387 Datasheet HTML 13Page - STMicroelectronics AN4387 Datasheet HTML 14Page - STMicroelectronics AN4387 Datasheet HTML 15Page - STMicroelectronics AN4387 Datasheet HTML 16Page - STMicroelectronics AN4387 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DocID025465 Rev 1
13/22
AN4387
Transmitter parameter
22
Figure 7. Prescan of emissions in the out-of-band domain below 2400 MHz
Follows the detailed analysis in all the ranges specified by the mask; the BlueNRG meets
the requirement with large margin.
Figure 8. Emissions in the out-of-band domain for the range 2396-2398 MHz
AM17657v1
-70
-60
-50
-40
-30
-20
-10
0
10
510
1010
1510
2010
MHz
AM17658v1
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
2397
2397.2
2397.4
2397.6
2397.8
2398
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22