データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4457 データシート(PDF) 14 Page - STMicroelectronics

部品番号 AN4457
部品情報  Implementing an emulated universal asynchronous receiver transmitter on STM32F4 microcontroller series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4457 データシート(HTML) 14 Page - STMicroelectronics

Back Button AN4457 Datasheet HTML 10Page - STMicroelectronics AN4457 Datasheet HTML 11Page - STMicroelectronics AN4457 Datasheet HTML 12Page - STMicroelectronics AN4457 Datasheet HTML 13Page - STMicroelectronics AN4457 Datasheet HTML 14Page - STMicroelectronics AN4457 Datasheet HTML 15Page - STMicroelectronics AN4457 Datasheet HTML 16Page - STMicroelectronics AN4457 Datasheet HTML 17Page - STMicroelectronics AN4457 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Software description
AN4457
14/24
DocID026046 Rev 1
2.3
Reception
2.3.1
Frame reception
Figure 7 describes the implementation of the function that receives a given number of bytes
via DMA and timer.
RxXferCount: is a counter that is incremented after the completion each DMA transfer.
FirstBuffer_Rx and SecondBuffer_Rx: the DMA destination address switches between
two buffers addresses. The first buffer is used by DMA as data transfer destination, while
the second buffer is used by the CPU to format data.
Figure 7. Frame reception routine flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24