データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4467 データシート(PDF) 31 Page - STMicroelectronics

部品番号 AN4467
部品情報  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 データシート(HTML) 31 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 25Page - STMicroelectronics AN4467 Datasheet HTML 26Page - STMicroelectronics AN4467 Datasheet HTML 27Page - STMicroelectronics AN4467 Datasheet HTML 28Page - STMicroelectronics AN4467 Datasheet HTML 29Page - STMicroelectronics AN4467 Datasheet HTML 30Page - STMicroelectronics AN4467 Datasheet HTML 31Page - STMicroelectronics AN4467 Datasheet HTML 32Page - STMicroelectronics AN4467 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
DocID026156 Rev 2
31/33
AN4467
Reference design
32
Table 7. Reference connection for all packages
Package
LQFP
BGA
CSP
QFN
Number of pins
32
48
64
100
64
100
25
36
49
28
32(1)
32(2)
VLCD
-
1
1
6
B2
E2
--
B6
---
PC14-OSC32_IN
2
3
3
8
A1
D1
A5
A6
C6
2
2
1
PC15-OSC32_OUT
3
4
4
9
B1
E1
B5
B6
C7
3
3
2
PH0-OSC_IN
-
5
5
12
C1
F1
-
-
D6
-
-
-
PH1-OSC_OUT
-
6
6
13
D1
G1
-
-
D7
-
-
-
NRST
47
7
14
E1
H2
C5
C6
D5
443
VSSA
-
8
12
19
F1
J1
--
---
4
VREF-
---
20
-
K1
-
-
----
VREF+
---
21
G1
L1
-
E6
E6
---
VDDA
5
9
13
22
H1
M1
D4
D5
F7
5
5
5
VSS_4
--
18
27
C2
E3
--
----
VDD_4
--
19
28
D2
H3
--
----
VSS_1
16
23
31
49
D5
F12
-
-
D4
-
-
16
VDD_1
17
24
32
50
E5
G12
-
F1
G2
-
17
17
PA13
23
34
46
72
A8
A11
A1
A1
C2
21
23
23
VDD_5
---
73
-
C11
--
----
VSS_2
-
35
47
74
D6
F11
D5
-
----
VDD_USB
-
36
48
75
E6
G11
--
A1
--
24
PA14
24
37
49
76
A7
A10
C2
B2
B2
22
24
25
BOOT0
3144
6094
B4
A4
C4
C5
A5
1
31
30
VSS_3
32
47
63
99
D4
D3
-
D6
-
-
-
31
VDD_3
148
64
100
E4
C4
-
A5
A7
-
132
1. Cat 2/3 devices
2. Cat 5 devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33