データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4486 データシート(PDF) 22 Page - STMicroelectronics

部品番号 AN4486
部品情報  This application note describes the BlueNRG and BlueNRG-MS over-the-air
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4486 データシート(HTML) 22 Page - STMicroelectronics

Back Button AN4486 Datasheet HTML 18Page - STMicroelectronics AN4486 Datasheet HTML 19Page - STMicroelectronics AN4486 Datasheet HTML 20Page - STMicroelectronics AN4486 Datasheet HTML 21Page - STMicroelectronics AN4486 Datasheet HTML 22Page - STMicroelectronics AN4486 Datasheet HTML 23Page - STMicroelectronics AN4486 Datasheet HTML 24Page - STMicroelectronics AN4486 Datasheet HTML 25Page - STMicroelectronics AN4486 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Running the OTA bootloader GUI & BlueNRG SW
package demo applications
AN4486
22/29
DocID026293 Rev 2
5
Select “Tools” -> “OTA bootloader” to open the dialog box containing the OTA
bootloader actions
and press “Search for devices”.
Figure 9: BlueNRG GUI: OTA bootloader window
6
After “Search for devices”, the GUI will start the discovery process and return
information related to the address and application names of devices running the
OTA bootloader service within the radio range. Once the previous process ends,
the device list can be opened through the combo box arrow below the “Search for
devices” button and the user can find the device running the OTA Service Manager
and p
ress “Connect”. If we realize we have connected the wrong device, we can
just press the “Force Disconnection” button and return to device selection within
the combo box. After device selection and connection through the “Connect”
button, we can read the related free memory range that it advertises, which
constrains us to provide an image file compiled with a base address and size within
the expected range on the BLE device.
a.
As the next step, we need to provide the “Base address: 0x8006800” and
press the browse button to select the location of the file containing the
image that we plan to send over-the-air towards the BLE device. For that
purpose, the user can open the BlueNRG IAR workspace SensorDemo,
OTA_Basic and build the related SensorDemo_OTA_Basic.bin image
(available in SensorDemo\EWARM\OTA_Basic\Exe folder) containing a
version of the Sensor Demo that is compiled with base address equal to
0x8006800. Alternatively, the user can open the BlueNRG IAR
workspace BLE_Chat, Server_OTA_Basic and build the related
Server_OTA_Basic.bin image (available in
BLE_Chat\EWARM\Server_OTA_Basic\Exe folder) containing a version
of the BLE_Chat, server application that is compiled with base address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29